|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 5016451220 Active igrid 2.00mm (.079") Pitch iGridTM Wire-to-Board Header, Dual Row, Vertical, with PCB Locator, 12 Circuits, Lead-free Documents: 3D Model Drawing (PDF) Product Specification PS-501646-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 501645 Wire-to-Board Yes igrid iGridTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application MolexKits Overview Product Name Physical Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 12 Natural 30 No Yes Yes Brass Tin Tin Nylon 2 Vertical 0.126 In 3.20 mm Yes None 0.047 In, 0.063 In 1.20 mm, 1.60 mm Tray 0.079 In 2.00 mm Yes Yes No No -25C to +85C Through Hole Search Parts in this Series 501645Series Mates With 501646 Housing. 501647 Crimp Terminal 22-26 AWG. 501648 Crimp Terminal 26-28 AWG Electrical Current - Maximum per Contact Voltage - Maximum 2A 250V AC (RMS)/DC Material Info Reference - Drawing Numbers Packaging Specification SPK-501645-001 Product Specification Sales Drawing PS-501646-001, RPS-501646-001, RPS-501646-002, RPS-501646-003, RPS-501646-004, RPS-501646-005, RPS-501646-006, RPS-501646-007 SD-501645-001 This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-501645-001 |